PART |
Description |
Maker |
AD7306 AD7306AN AD7306AR AD7306JN AD7306JR |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDIP24 5 V Powered RS-232/RS-422 Transceiver
|
Analog Devices, Inc. AD[Analog Devices]
|
ST207E ST207EB ST207EBD ST207EBDR ST207EBPR ST207E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
5962-9213206MYA 5962-9213206MVA 5962-9213206MXA 59 |
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus 3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors x4 Fast Page Mode DRAM x4快速页面模式的DRAM 3.0V to 5.5V, 1µA, Up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus x4快速页面模式的DRAM
|
Vicor, Corp. Amphenol, Corp.
|
MAX232 MAX202EC/D MAX232EC/D MAX232EESE MAX207ECWG |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 +-15kV ESD-Protected2B5V RS-232 Transceivers DUAL LINE TRANSCEIVER, UUC16 +-15KV ESD-Protceted2B5V RS-232 Transceivers DUAL LINE TRANSCEIVER, PDIP16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO24 +-15KV ESD-Protceted2B5V RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO16 15kV ESD-Protected, 5V RS-232 Transceivers
|
Infineon Technologies AG Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX221 MAX221CAE MAX221CUE MAX221EAE MAX221EUE |
5V, 1uA, Single RS-232 Transceiver with AutoShutdown %V, 1レA, Single RS-232 Transceiver with AutoShutdown %V, 1A, Single RS-232 Transceiver with AutoShutdown 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SP3203 SP3203CY SP3203EY |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 3V RS-232 Serial Transceiver with Logic Selector
|
SIPEX[Sipex Corporation]
|
HIN208 HIN208CA HIN208CB HIN208CP HIN208IA HIN208I |
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors Low Power Quad RS-232 Receiver From old datasheet system 71-128114-012 LINE TRANSCEIVER, PDSO24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|
SP332 SP332CT SP332ET SP332CT-L SP332CT-L/TR SP332 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 RS-232/RS-485 Multi-Mode Serial Transceiver
|
Exar, Corp. SIPEX[Sipex Corporation]
|
ADM101E ADM101EARMZ ADM101EARMZ-REEL7 ADM101EARM-R |
Craft Port Tiny RS-232 Transceiver to Portable Applications Craft PortTM Tiny RS-232 Transceiver for Portable Applications LINE TRANSCEIVER, PDSO10
|
ANALOG DEVICES INC
|
MAX3384 MAX3384E MAX3384ECAP MAX3384ECWN MAX3384EE |
DUAL LINE TRANSCEIVER, PDSO20 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver " ?à15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver" ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
SP3203EY-L/TR SP3203CY-L SP3203CY-L/TR SP3203CY/TR |
DUAL LINE TRANSCEIVER, PDSO20 3V RS-232 Serial Transceiver with Logic Selector
|
EXAR CORP Sipex Corporation
|